Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TESEO-LIV3FL Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 20Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 21Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 23Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 24Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 25Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 26Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 27Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Figure 8. PB band
17.2
Inner box
To avoid damage, each Teseo-LIV3FL reel has a dedicated cardboard box of 340 x 340 x 38 mm.
17.3
ESD handling precautions
Teseo-LIV3FL module is an electrostatic sensitive device (ESD). Observe precautions for handling! Failure to
observe these precautions can result in severe damage to the GNSS receiver.
GNSS receivers are electrostatic sensitive devices (ESD) and require special precautions when handling.
Particular care must be exercised when handling patch antennas, due to the risk of electrostatic charges.
17.4
Moisture sensitivity levels
The moisture sensitivity Level (MSL) relates to the packaging and handling precautions required.
Teseo-LIV3FL modules are rated at MSL level 3 (three).
Teseo-LIV3FL
Inner box
DS13881 - Rev 4
page 24/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34