Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TESEO-LIV3FL Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 12Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 13Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 14Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 15Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 19Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
12
Geofencing
Geofence feature allows the Teseo-LIV3FL receiver to raise an autonomous NMEA message when the resolved
GNSS position is close to a specific circle, entering or exiting from a circle.
Teseo-LIV3FL receiver supports at least eight circular areas where four circular areas are configurable in the
firmware.
Geofencing alarm can be notified over the proprietary NMEA message.
Geofencing can be configured and enabled in the firmware configurator or using the specific geofencing
configuration command.
Detailed information is available on the Teseo-LIV3FL software user manual.
Teseo-LIV3FL
Geofencing
DS13881 - Rev 4
page 16/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34