Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC25BPQR Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 34Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 35Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 36Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 37Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 38Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 39Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 40Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 41Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 145 page
background image
5.1.1
Transition conditions
Table 21. PMIC state machine transition conditions
Transition
symbol
State transition
Transition condition
A
NO_SUPPLY to INIT&LOAD
VIN > VINPOR_Rise
B
INIT&LOAD to OFF
! Auto_turn_on condition:
Init_OK && loadNVM_OK && !(AUTO_TURN_ON || PONKEYn_low || VBUS_high)
C
INIT&LOAD to
CHECK&LOAD
Auto_turn_on condition:
Init_OK && loadNVM_OK && (AUTO_TURN_ON || PONKEYn_low || VBUS_high)
D
OFF to CHECK&LOAD
Turn-on condition:
PONKEYn falling edge ||
VBUS rising edge ||
WAKEUPn pin low
E
CHECK&LOAD to
POWER_UP
CHECK&LOAD is a transitory state going to POWER_UP:
VIN > VINOK &&
Tj < TSHDN_Fall &&
FLT_TMR timer ended (see Table 24)
F
POWER_UP to RUN
When a power-up sequence ends without hard-fault, the PMIC releases RSTn, transition F
occurs when the RSTn signal goes higher than VIH. (see Section 5.4.7)
G
STANDBY to RUN
PWRCTRLx inactive (see Section 5.4.6)
H
RUN to STANDBY
PWRCTRLx active and all buck converters in LP mode or turned off (see Section 5.4.6)
I
POWER_ON to
POWER_DOWN
RSTn signal asserted by AP
Turn-off condition:
Software switch-off (SWOFF) ||
VIN < VINOK_Fall (hard-fault) ||
PONKEYn long press (hard-fault) ||
Thermal shutdown (hard-fault) ||
OCP fail-safe level1 (hard-fault) ||
Watchdog (hard-fault)
See Section 5.4.4
J
POWER_UP to
POWER_DOWN
Turn-off condition (hard-fault):
VIN < VINOK_Fall (hard-fault) ||
PONKEYn long press (hard-fault) ||
Thermal shutdown (hard-fault) ||
OCP fail-safe level1 (hard-fault) ||
Watchdog (hard-fault)
K
POWER_DOWN to
CHECK&LOAD
RSTn asserted by AP ||
(SWOFF && RREQ_EN) ||
(VIN_FLT_CNT <= VIN_FLT_CNT_MAX &&
PKEY_FLT_CNT <= PKEY_FLT_CNT_MAX &&
TSHDN_FLT_CNT <= TSHDN_FLT_CNT_MAX &&
OCP_FLT_CNT <= OCP_FLT_CNT_MAX &&
WDG_FLT_CNT <= WDG_FLT_CNT_MAX)
L
POWER_DOWN to OFF
SWOFF && !RREQ_EN
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 38/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More