Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC25BPQR Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 72Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 73Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 74Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 75Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 76Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 77Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 78Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 79Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 145 page
background image
6.2.13
Mode status register (MODE_SR)
Table 41. MODE_SR
7
6
5
4
3
2
1
0
Reserved[3:1]
OP_MODE
LDO4_VIN_SRC
PWRCTRL3
PWRCTRL2
PWRCTRL1
R
R
R
R
R
R
R
R
•
Address: 0x0C
•
Default: 0bxxxxxxxx where x depends on source state
•
Description: Contains the current state of the related source.
[7:5]
Reserved
[4]
OP_MODE: PMIC operating state
0: PMIC operates in the RUN state
1: PMIC operates in the STANDBY state
[3]
LDO4_VIN_SRC: LDO4 input source. Provides status of LDO4 input switch selection
(value only valid when LDO4 is enabled)
0: VIN supply selected
1: VBUS supply selected
[2]
PWRCTRL3: logic state of the PWRCTRL3 input (see Table 26)
0: PWRCTRL3 is active
1: PWRCTRL3 is inactive
[1]
PWRCTRL2: logic state of the PWRCTRL2 input (see Table 26)
0: PWRCTRL2 is active
1: PWRCTRL2 is inactive
[0]
PWRCTRL1: logic state of the PWRCTRL1 input(see Table 26)
0: PWRCTRL1 is active
1: PWRCTRL1 is inactive
STPMIC25
Register descriptions
DS14278 - Rev 3
page 76/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More