| Moteur de recherche de fiches techniques de composants électroniques |
|
STPMIC25APQR Fiches technique(PDF) 116 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25APQR Fiches technique(HTML) 116 Page - STMicroelectronics |
|
116 / 145 page ![]() 6.8.8 NVM rank shadow register 6 (NVM_RANK_SHR6) Table 88. NVM_ RANK_SHR6 7 6 5 4 3 2 1 0 reserved reserved LDO4_RANK[2:0] LDO3_RANK[2:0] R R R/W R/W R/W R/W R/W R/W • Address: 0x97 • Default: Depends on the PMIC part number • Description: NVM rank shadow register 6. Same bit field as Section 6.8.7. 6.8.9 NVM rank shadow register 7 (NVM_RANK_SHR7) Table 89. NVM_RANK_SHR7 7 6 5 4 3 2 1 0 reserved reserved LDO6_RANK[2:0] LDO5_RANK[2:0] R R R/W R/W R/W R/W R/W R/W Address: 0x98 Default: Depends on the PMIC part number Description: NVM rank shadow register 7. Same bit field as Section 6.8.7 6.8.10 NVM rank shadow register 8 (NVM_RANK_SHR8) Table 90. NVM_RANK_SHR8 7 6 5 4 3 2 1 0 reserved reserved LDO8_RANK[2:0] LDO7_RANK[2:0] R R R/W R/W R/W R/W R/W R/W Address: 0x99 Default: Depends on the PMIC part number Description: NVM rank shadow register 8. Same bit field as section Section 6.8.7. STPMIC25 Register descriptions DS14278 - Rev 3 page 116/145 |