Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC25APQR Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 92Page - STMicroelectronics STPMIC25APQR Datasheet HTML 93Page - STMicroelectronics STPMIC25APQR Datasheet HTML 94Page - STMicroelectronics STPMIC25APQR Datasheet HTML 95Page - STMicroelectronics STPMIC25APQR Datasheet HTML 96Page - STMicroelectronics STPMIC25APQR Datasheet HTML 97Page - STMicroelectronics STPMIC25APQR Datasheet HTML 98Page - STMicroelectronics STPMIC25APQR Datasheet HTML 99Page - STMicroelectronics STPMIC25APQR Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 145 page
background image
6.5.7
LDOx ALTERNATE mode control register (LDOx_ALT_CR) (x = 2/5/6/7/8)
Table 60. LDOx_ALT_CR
7
6
5
4
3
2
1
0
reserved
BYPASS
VOUT[4:0]
EN
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Address: 0x50/0x59/0x5C/0x5F/0x62
•
Default: 0b0XXXXXXX where X depends on the value programmed in the NVM
•
Description: LDO2/LDO5/LDO6/LDO7/LDO8 ALTERNATE mode control register.
This register is initialized to the default value in the CHECK&LOAD state. The user can write to these registers to
control enable, bypass mode, and set the voltage of the related LDO instance, which is applied to the
ALTERNATE mode (see Section 5.4.6.
[7]
reserved
[6]
BYPASS: select bypass mode operation
0: LDOx operates in normal mode
1: LDOx operates in bypass mode
The default value is the same as LDOx_MAIN_CR
[5:1]
VOUT[4:0]: LDOx output voltage settings. See Section 4.2.6
The default value is the same as LDOx_MAIN_CR
[0]
EN:
0: LDOx is disabled
1: LDOx is enabled
The default value is the same as LDOx_MAIN_CR
STPMIC25
Register descriptions
DS14278 - Rev 3
page 96/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More