Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC25APQR Fiches technique(PDF) 74 Page - STMicroelectronics

No de pièce STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Fiches technique(HTML) 74 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 70Page - STMicroelectronics STPMIC25APQR Datasheet HTML 71Page - STMicroelectronics STPMIC25APQR Datasheet HTML 72Page - STMicroelectronics STPMIC25APQR Datasheet HTML 73Page - STMicroelectronics STPMIC25APQR Datasheet HTML 74Page - STMicroelectronics STPMIC25APQR Datasheet HTML 75Page - STMicroelectronics STPMIC25APQR Datasheet HTML 76Page - STMicroelectronics STPMIC25APQR Datasheet HTML 77Page - STMicroelectronics STPMIC25APQR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 145 page
background image
6.2.10
Fail-safe counter status register 1 (FS_CNT_SR1)
Table 38. FS_CNT_SR1
7
6
5
4
3
2
1
0
VIN_FLT_CNT[3:0]
PKEY_FLT_CNT[3:0]
R
R
R
R
R
R
R
R
•
Address: 0x09
•
Default: 0x00
•
Description: Fail-safe counters store the number of hard-fault occurrences. There is one fail-safe counter
by hard fault source (see Section 5.4.5). FS_CNT_SR1 is reset in the OFF state.
[7:4]
VIN_FLT_CNT[3:0]: number of occurrences triggered by a VIN falling below VINOK_Fall hard-fault
source.
(This is valid only if VIN is kept higher than VINPOR_Fall; or PMIC fully resets)
[3:0]
PKEY_FLT_CNT[3:0]: number of occurrences triggered by a PONKEYn long key press hard-fault
source.
Note:
When a counter (xxx_FLT_CNT[3:0]) reaches 0xF, all next counter increments keep the counter value at 0xF
(and not restart to 0).
6.2.11
Fail-safe counter status register 2 (FS_CNT_SR2)
Table 39. FS_CNT_SR2
7
6
5
4
3
2
1
0
TSHDN_FLT_CNT[3:0]
OCP_FLT_CNT[3:0]
R
R
R
R
R
R
R
R
•
Address: 0x0A
•
Default: 0x00
•
Description: Fail-safe counters store the number of hard-fault occurrences. There is one fail-safe counter
by hard fault source (see Section 5.4.5). FS_CNT_SR2 is reset in the OFF state.
[7:4]
TSHDN_FLT_CNT[3:0]: number of occurrences triggered by a thermal shutdown hard-fault source.
[3:0]
OCP_FLT_CNT[3:0]: number of occurrences triggered by regulator overcurrent hard-fault source.
Note:
When a counter (xxx_FLT_CNT[3:0]) reaches 0xF, all next counter increments keep the counter value at 0xF
(and not restart to 0).
STPMIC25
Register descriptions
DS14278 - Rev 3
page 74/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More