| Moteur de recherche de fiches techniques de composants électroniques |
|
STPMIC25 Fiches technique(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25 Fiches technique(HTML) 76 Page - STMicroelectronics |
|
76 / 145 page ![]() 6.2.13 Mode status register (MODE_SR) Table 41. MODE_SR 7 6 5 4 3 2 1 0 Reserved[3:1] OP_MODE LDO4_VIN_SRC PWRCTRL3 PWRCTRL2 PWRCTRL1 R R R R R R R R • Address: 0x0C • Default: 0bxxxxxxxx where x depends on source state • Description: Contains the current state of the related source. [7:5] Reserved [4] OP_MODE: PMIC operating state 0: PMIC operates in the RUN state 1: PMIC operates in the STANDBY state [3] LDO4_VIN_SRC: LDO4 input source. Provides status of LDO4 input switch selection (value only valid when LDO4 is enabled) 0: VIN supply selected 1: VBUS supply selected [2] PWRCTRL3: logic state of the PWRCTRL3 input (see Table 26) 0: PWRCTRL3 is active 1: PWRCTRL3 is inactive [1] PWRCTRL2: logic state of the PWRCTRL2 input (see Table 26) 0: PWRCTRL2 is active 1: PWRCTRL2 is inactive [0] PWRCTRL1: logic state of the PWRCTRL1 input(see Table 26) 0: PWRCTRL1 is active 1: PWRCTRL1 is inactive STPMIC25 Register descriptions DS14278 - Rev 3 page 76/145 |