Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC25 Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 67Page - STMicroelectronics STPMIC25 Datasheet HTML 68Page - STMicroelectronics STPMIC25 Datasheet HTML 69Page - STMicroelectronics STPMIC25 Datasheet HTML 70Page - STMicroelectronics STPMIC25 Datasheet HTML 71Page - STMicroelectronics STPMIC25 Datasheet HTML 72Page - STMicroelectronics STPMIC25 Datasheet HTML 73Page - STMicroelectronics STPMIC25 Datasheet HTML 74Page - STMicroelectronics STPMIC25 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 145 page
background image
6.2.7
Overcurrent protection status register 2 (OCP_SR2)
7
6
5
4
3
2
1
0
OCP_LDO8
OCP_LDO7
OCP_LDO6
OCP_LDO5
OCP_LDO4
OCP_LDO3
OCP_LDO2
OCP_LDO1
R
R
R
R
R
R
R
R
•
Address: 0x06
•
Default: 0bxxxxxxxx where x depends on regulator that has triggered the OCP.
•
Description: If the PMIC is turned OFF or is restarted due to an OCP from a regulator, OCP_SR1 or
OCP_SR2 store the regulator instance that triggered the OCP.
The OCP_SR2 register is reset in the POWER_DOWN state. If an OCP hard-fault condition occurred, then the
OCP_SR2 register is set before leaving the POWER_DOWN state (see Section 5.4.9 and Section 5.4.4 and
Section 5.1.2).
[7]
OCP_LDO8: Last turn-off or restart is due to overcurrent protection on LDO8.
0: False
1: True
[6]
OCP_LDO7: Last turn-off or restart is due to overcurrent protection on LDO7.
0: False
1: True
[5]
OCP_LDO6: Last turn-off or restart is due to overcurrent protection on LDO6.
0: False
1: True
[4]
OCP_LDO5: Last turn-off or restart is due to overcurrent protection on LDO5.
0: False
1: True
[3]
OCP_LDO4: Last turn-off or restart is due to overcurrent protection on LDO4.
0: False
1: True
[2]
OCP_LDO3: Last turn-off or restart is due to overcurrent protection on LDO3.
0: False
1: True
[1]
OCP_LDO2: Last turn-off or restart is due to overcurrent protection on LDO2.
0: False
1: True
[0]
OCP_LDO1: Last turn-off or restart is due to overcurrent protection on LDO1.
0: False
1: True
STPMIC25
Register descriptions
DS14278 - Rev 3
page 71/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More