Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VOL-OCK6-U-R Fiches technique(PDF) 17 Page - 3M Electronics

No de pièce VOL-OCK6-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK6-U-R Fiches technique(HTML) 17 Page - 3M Electronics

Back Button VOL-OCK6-U-R Datasheet HTML 13Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 14Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 15Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 16Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 17Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 18Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 19Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 20Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 21Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
1
15
1.1
Copper Cabling
1.1.2
Volition™ RJ45 Giga Jacks
Description
Type/Order Text
Ref.-No.
RJ45 Giga Jacks
The Giga Jack offers a tool-free termination in record time. All 8
copper conductors are effortlessly terminated in one simple opera-
tion resulting in reliable interconnection.
If a wiring mistake is made you can re-use your Giga Jack several
times. With its reduced depth and the different faceplate options
available, it integrates perfectly in all cable ducts or wall boxes, for
enhanced cable bend radius control.
Volition™ RJ45 Giga Jack, Cat 5e , UTP, light grey
P28770AB
8 contacts
PU:
8 pcs/bag
MOQ:
12 bags
Volition™ RJ45 Giga Jack, Cat 5e, FTP, light grey
P28771AB
8 contacts and a ninth point to ensure the grounding continuity
PU:
8 pcs/bag
MOQ:
12 bags
Volition™ RJ45 Giga Jack, Cat 5e, STP,
P28772AB
light grey and metallic shield
8 contacts, metallic nose and tinned bronze cover
shielded by reversible metal cover. Supplied with a fixing collar
PU:
8 pcs/bag
MOQ:
12 bags
Highlights
•Tool free assembly
• Choice of cable insertion orientation either from the top or
bottom for enhancd cable bend radius control
•Reuseable
•Easy assembly
• UTP, FTP or STP types available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62