Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VOL-OCK6-U-R Fiches technique(PDF) 40 Page - 3M Electronics

No de pièce VOL-OCK6-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK6-U-R Fiches technique(HTML) 40 Page - 3M Electronics

Back Button VOL-OCK6-U-R Datasheet HTML 36Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 37Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 38Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 39Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 40Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 41Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 42Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 43Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 44Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
1.2
Fibre Cabling
1.2.1
Volition™ VF-45™
Tools and Consumables
Description
38
Type/Order text
Ref.-No.
The VOL-0562 socket termination kit contains all the materials
necessary to install VF-45 sockets onto duplex fibre optic cable.
Cable and fibre strippers, polishing and socket assembly fixture and
inspection viewer - all fit into a compact carrying case. The termi-
nation kit works in concert with the ‘snap together’ design of the
socket to eliminate many of the steps and much of the labour
associated with traditional fibre optic terminations. With the VF-45
socket termination kit, you can complete fibre installations faster
and easier; duplex fibre terminations can be completed in less than
two minutes.
VF-45 Tools and Consumables
Tool Pouch
VOL-0562M
PU: 1
MOQ: 1
Microscope, dual light
VOL-0563M
PU: 1 pc
MOQ: 1 pc
Polishing Station Sub Assembly
VOL-0562H
PU: 1 pc
MOQ: 1 pc
VF-45 Quick Install
VOL-0563
Termination Kit,
complete with 100x dual
light microscope
PU: 1pc
MOQ: 1pc
Microscope 100x
Polishing Station
Volition™ VF-45™ Quick Install Termination Kit
with ™ VF-45™ Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62