Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR910FAW32X6 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STR910FAW32X6
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW32X6 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STR910FAW32X6 Datasheet HTML 36Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 37Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 38Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 39Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 40Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 41Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 42Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 43Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
Pin description
STR91xFA
40/78
42
66 M12
P3.6
I/O
GPIO_3.6,
GP Input, HiZ
EXINT6,
External Intr
SSP1_MOSI,
SSP slv dat in
GPIO_3.6,
GP Output
SSP1_MOSI,
SSP mstr dat out
CAN_TX,
CAN Tx data
43
68 K11
P3.7
I/O
GPIO_3.7,
GP Input, HiZ
EXINT7,
External Intr
SSP1_NSS,
SSP slv select in
GPIO_3.7,
GP Output
SSP1_NSS,
SSP mstr sel out
TIM1_OCMP1,
Out comp/PWM
4
3
C2
P4.0
I/O
GPIO_4.0,
GP Input, HiZ
ADC0,
ADC input chnl
TIM0_ICAP1,
Input Capture
GPIO_4.0,
GP Output
TIM0_OCMP1, Out
comp/PWM
ETM_PCK0, ETM
Packet
3
2
B2
P4.1
I/O
GPIO_4.1,
GP Input, HiZ
ADC1,
ADC input chnl
TIM0_ICAP2,
Input Capture
GPIO_4.1,
GP Output
TIM0_OCMP2, Out
comp
ETM_PCK1, ETM
Packet
2
1
A1
P4.2
I/O
GPIO_4.2,
GP Input, HiZ
ADC2,
ADC input chnl
TIM1_ICAP1,
Input Capture
GPIO_4.2,
GP Output
TIM1_OCMP1, Out
comp/PWM
ETM_PCK2, ETM
Packet
1
128 B3
P4.3
I/O
GPIO_4.3,
GP Input, HiZ
ADC3,
ADC input chnl
TIM1_ICAP2,
Input Capture
GPIO_4.3,
GP Output
TIM1_OCMP2, Out
comp
ETM_PCK3, ETM
Packet
80
127 C4
P4.4
I/O
GPIO_4.4,
GP Input, HiZ
ADC4,
ADC input chnl
TIM2_ICAP1,
Input Capture
GPIO_4.4,
GP Output
TIM2_OCMP1, Out
comp/PWM
ETM_PSTAT0,
ETM pipe status
79
126 B4
P4.5
I/O
GPIO_4.5,
GP Input, HiZ
ADC5,
ADC input chnl
TIM2_ICAP2,
Input Capture
GPIO_4.5,
GP Output
TIM2_OCMP2, Out
comp
ETM_PSTAT1,
ETM pipe status
78
125 A4
P4.6
I/O
GPIO_4.6,
GP Input, HiZ
ADC6,
ADC input chnl
TIM3_ICAP1,
Input Capture
GPIO_4.6,
GP Output
TIM3_OCMP1, Out
comp/PWM
ETM_PSTAT2,
ETM pipe status
77
124 D5
P4.7
I/O
GPIO_4.7,
GP Input, HiZ
ADC7,
ADC input chnl /
ADC Ext. trigger
TIM3_ICAP2,
Input Capture
GPIO_4.7,
GP Output
TIM3_OCMP2, Out
comp
ETM_TRSYNC,
ETM trace sync
912
E4
P5.0
I/0
GPIO_5.0,
GP Input, HiZ
EXINT8,
External Intr
CAN_RX,
CAN rcv data
GPIO_5.0,
GP Output
ETM_TRCLK,
ETM trace clock
UART0_TX,
UART xmit data
12
18
F6
P5.1
I/0
GPIO_5.1,
GP Input, HiZ
EXINT9,
External Intr
UART0_RxD,
UART rcv data
GPIO_5.1,
GP Output
CAN_TX,
CAN Tx data
UART2_TX,
UART xmit data
17
25
K1
PHYCLK
_P5.2
I/O
GPIO_5.2,
GP Input, HiZ
EXINT10,
External Intr
UART2_RxD,
UART rcv data
GPIO_5.2,
GP Output
MII_PHYCLK,
25Mhz to PHY
TIM3_OCMP1,
Out comp/PWM
18
27
H2
P5.3
I/O
GPIO_5.3,
GP Input, HiZ
EXINT11,
External Intr
ETM_EXTRIG,
ETM ext. trigger
GPIO_5.3,
GP Output
MII_TX_EN,
MAC xmit enbl
TIM2_OCMP1,
Out comp/PWM
44
70
J12
P5.4
I/O
GPIO_5.4,
GP Input, HiZ
EXINT12,
External Intr
SSP0_SCLK,
SSP slv clk in
GPIO_5.4,
GP Output
SSP0_SCLK,
SSP mstr clk out
EMI_CS0n,
EMI Chip Select
47
77 H11
P5.5
I/O
GPIO_5.5,
GP Input, HiZ
EXINT13,
External Intr
SSP0_MOSI,
SSP slv dat in
GPIO_5.5,
GP Output
SSP0_MOSI,
SSP mstr dat out
EMI_CS1n,
EMI Chip Select
48
79
H9
P5.6
I/O
GPIO_5.6,
GP Input, HiZ
EXINT14,
External Intr
SSP0_MISO,
SSP mstr dat in
GPIO_5.6,
GP Output
SSP0_MISO,
SSP slv data out
EMI_CS2n,
EMI Chip Select
49
80 G12
P5.7
I/O
GPIO_5.7,
GP Input, HiZ
EXINT15,
External Intr
SSP0_NSS,
SSP slv select in
GPIO_5.7,
GP Output
SSP0_NSS,
SSP mstr sel out
EMI_CS3n,
EMI Chip Select
19
29
H4
P6.0
I/O
GPIO_6.0,
GP Input, HiZ
EXINT16,
External Intr
TIM0_ICAP1,
Input Capture
GPIO_6.0,
GP Output
TIM0_OCMP1, Out
comp/PWM
MC_UH,
IMC phase U hi
20
31
J3
P6.1
I/O
GPIO_6.1,
GP Input, HiZ
EXINT17,
External Intr
TIM0_ICAP2,
Input Capture
GPIO_6.1,
GP Output
TIM0_OCMP2, Out
comp
MC_UL,
IMC phase U lo
13
19
G2
P6.2
I/O
GPIO_6.2,
GP Input, HiZ
EXINT18,
External Intr
TIM1_ICAP1,
Input Capture
GPIO_6.2,
GP Output
TIM1_OCMP1, Out
comp/PWM
MC_VH,
IMC phase V hi
14
20
G3
P6.3
I/O
GPIO_6.3,
GP Input, HiZ
EXINT19,
External Intr
TIM1_ICAP2,
Input Capture
GPIO_6.3,
GP Output
TIM1_OCMP2, Out
comp
MC_VL,
IMC phase V lo
52
83
G8
P6.4
I/O
GPIO_6.4,
GP Input, HiZ
EXINT20,
External Intr
TIM2_ICAP1,
Input Capture
GPIO_6.4,
GP Output
TIM2_OCMP1, Out
comp/PWM
MC_WH,
IMC phase W hi
53
84
G7
P6.5
I/O
GPIO_6.5,
GP Input, HiZ
EXINT21,
External Intr
TIM2_ICAP2,
Input Capture
GPIO_6.5,
GP Output
TIM2_OCMP2, Out
comp
MC_WL,
IMC phase W lo
Pkg
Pin Name
Default Pin
Function
Default Input
Function
Alternate functions
Alternate
Input 1
Alternate
Output 1
Alternate
Output 2
Alternate
Output 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78