Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR910FAM32X6 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STR910FAM32X6
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32X6 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STR910FAM32X6 Datasheet HTML 31Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 32Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 33Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 34Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 35Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 36Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 37Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 38Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
STR91xFA
Pin description
35/78
4
Pin description
Figure 7.
STR91xFAM 80-pin package pinout
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
P4.3
P4.2
P4.1
P4.0
VSS_VSSQ
VDDQ
P2.0
P2.1
P5.0
VSS
VDD
P5.1
P6.2
P6.3
VDDQ
VSSQ
P5.2
P5.3
P6.0
P6.1
USBDP (1)
USBDN (1)
P6.7
P6.6
RESET_INn
VSSQ
VDDQ
P6.5
P6.4
VSS
VDD
P5.7
P5.6
P5.5
VDDQ
VSSQ
P5.4
P3.7
P3.6
P3.5
80-pin LQFP
STR91xFAM
1) NU (Not Used) on STR910FAM devices. Pin 59 is not connected, pin 60 must be pulled up by a 1.5Kohm resistor to VDDQ.
2) No USBCLK function on STR910FAM devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78