Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR910FAM32X6 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STR910FAM32X6
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32X6 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STR910FAM32X6 Datasheet HTML 2Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 3Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 4Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 5Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 6Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 7Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 8Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 9Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
Description
STR91xFA
6/78
1
Description
STR91xFA is a series of ARM-powered microcontrollers which combines a 16/32-bit
ARM966E-S RISC processor core, dual-bank Flash memory, large SRAM for data or code, and
a rich peripheral set to form an ideal embedded controller for a wide variety of applications such
as point-of-sale terminals, industrial automation, security and surveillance, vending machines,
communication gateways, serial protocol conversion, and medical equipment. The ARM966E-S
core can perform single-cycle DSP instructions, good for speech processing, audio algorithms,
and low-end imaging.
This datasheet provides STR91xFA ordering information, functional overview, mechanical
information, and electrical device characteristics.
For complete information on STR91xFA memory, registers, and peripherals, please refer to the
STR91xFA Reference Manual.
For information on programming the STR91xFA Flash memory please refer to the STR9 Flash
Programming Reference Manual
For information on the ARM966E-S core, please refer to the ARM966E-S Rev. 2 Technical
Reference Manual.
Table 1.
Device summary
Features
STR910FA
STR911FA
STR912FA
M32X6 W32X6 Z32H6 M42X6 M44X6 W42X6 W44X6 W34X6 W42X6 W44X6 Z42H6 Z44H6
Flash
Kbytes
256
+32
256
+32
512
+32
256
+32
512
+32
512
+32
256
+32
512
+32
256
+32
512
+32
RAM -
Kbytes
64
96
64
96
Peripheral
functions
CAN,
40 I/Os
CAN, EMI,
80 I/Os
USB, CAN,
40 I/Os
USB, CAN,
EMI, 80 I/Os
Ethernet, USB, CAN,
EMI,80 I/Os
Packages
LQFP
80
LQFP
128
LFBGA
144
LQFP80
LQFP128
LQFP128
LFBGA144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78