Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC2000 Fiches technique(PDF) 20 Page - NXP Semiconductors

No de pièce SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Fiches technique(HTML) 20 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 16Page - NXP Semiconductors SC2000 Datasheet HTML 17Page - NXP Semiconductors SC2000 Datasheet HTML 18Page - NXP Semiconductors SC2000 Datasheet HTML 19Page - NXP Semiconductors SC2000 Datasheet HTML 20Page - NXP Semiconductors SC2000 Datasheet HTML 21Page - NXP Semiconductors SC2000 Datasheet HTML 22Page - NXP Semiconductors SC2000 Datasheet HTML 23Page - NXP Semiconductors SC2000 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
2000 Sep 07
20
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
Figure 4. Local Bus Interface Timing — SCbus Mode (4.096 Mbps)
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
t12
t13
t14
t15
t16
t17
t18
t19
t20
t21
t22
t23
t24
t25
t26
t27
t28
t29
t30
t31
t32
t33
t34
t35
SCLKX2*
SCLK
FSYNC*
SI_CLK
SO_CLK
SI_FS,SI_MS
SO_FS,SO_MS
SO
SI
SD_[15:0] Output
SD_[15:0] Input
TXD
MC
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44