| Moteur de recherche de fiches techniques de composants électroniques |
|
SAF7113 Fiches technique(PDF) 68 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAF7113 Fiches technique(HTML) 68 Page - NXP Semiconductors |
|
68 / 80 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 15.2.22 SUBADDRESS 16H Table 53 Stop of VGATE pulse (10-transition) FIELD FRAME LINE COUNTING DECIMAL VALUE MSB (SA 17, D0) CONTROL BITS D7 TO D0 VSTO8 VSTO7 VSTO6 VSTO5 VSTO4 VSTO3 VSTO2 VSTO1 VSTO0 50 Hz 1st 1 312 1 00111000 2nd 314 1st 2 0... 0 00000000 2nd 315 1st 312 ...310 1 00110111 2nd 625 60 Hz 1st 4 262 1 00000110 2nd 267 1st 5 0... 0 00000000 2nd 268 1st 265 ...260 1 00000101 2nd 3 |