| Moteur de recherche de fiches techniques de composants électroniques |
|
SAF7113 Fiches technique(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAF7113 Fiches technique(HTML) 48 Page - NXP Semiconductors |
|
48 / 80 page ![]() 2000 May 08 48 Philips Semiconductors Product specification 9-bit video input processor SAF7113H Table 22 Description of I2C-bus format; note 1 Notes 1. The SAF7113H supports the ‘fast mode’ I2C-bus specification extension (data rate up to 400 kbits/s). 2. If more than one byte DATA is transmitted the subaddress pointer is automatically incremented. CODE DESCRIPTION S START condition Sr repeated START condition Slave address W 0100 1010 (= 4AH, default) or 0100 1000 (= 48H, if pin RTS0 strapped to ground via a 3.3 k Ω resistor) Slave address R 0100 1011 (= 4BH, default) or 0100 1001 (= 49H, if pin RTS0 strapped to ground via a 3.3 k Ω resistor) ACK-s acknowledge generated by the slave ACK-m acknowledge generated by the master Subaddress subaddress byte; see Table 24 Data data byte; see Table 24; note 2 P STOP condition X = LSB slave address read/write control bit; X = 0, order to write (the circuit is slave receiver); X = 1, order to read (the circuit is slave transmitter) Subaddresses 00H chip version read only 01H to 05H front-end part read and write 06H to 13H decoder part read and write 14H reserved − 15H to 17H decoder part read and write 18H to 1EH reserved − 1FH video decoder status byte read only 20H to 3FH reserved − 40H to 5EH general purpose data slicer read and write 5FH reserved − 60H to 62H general purpose data slicer status read only 63H to FFH reserved − ACK-s ACK-m SLAVE ADDRESS R MHB340 P Sr ACK-s ACK-s DATA SUBADDRESS SLAVE ADDRESS W S data transferred (n bytes + acknowledge) Fig.34 Read procedure (combined format). |