Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN8804/ZMXC1 Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Fiches technique(HTML) 15 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 11Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 12Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 13Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 14Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 15Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 16Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 17Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 18Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 15
Ethernet Port 3
TX/RX Negative
Channel C
TX_RXN_C_3
AIO
Port 3 Channel C negative signal of differential pair
Ethernet Port 3
TX/RX Positive
Channel D
TX_RXP_D_3
AIO
Port 3 Channel D positive signal of differential pair
Ethernet Port 3
TX/RX Negative
Channel D
TX_RXN_D_3
AIO
Port 3 Channel D negative signal of differential pair
TABLE 3-3:
QSGMII INTERFACE PINS
Name
Symbol
Buffer
Type
Description
QSGMII Transmit-
ter Output Positive
QSGMII_TXP
AO
QSGMII PHY to MAC positive signal of differential pair
QSGMII Transmit-
ter Output Nega-
tive
QSGMII_TXN
AO
QSGMII PHY to MAC negative signal of differential pair
QSGMII Receiver
Input Positive
QSGMII_RXP
AI
QSGMII MAC to PHY positive signal of differential pair
QSGMII Receiver
Input Negative
QSGMII_RXN
AI
QSGMII MAC to PHY negative signal of differential pair
QSGMII External
Reference Clock
Input Positive
REF_PAD_CLK_P
LVDS2
Positive signal of differential pair. For Serializer/Deserializer
(SerDes) testing. Refer to
REF_CLK_SEL[1:0] for additional
information.
QSGMII External
Reference Clock
Input Negative
REF_PAD_CLK_M
LVDS2
Negative signal of differential pair. For SerDes testing. Refer to
REF_CLK_SEL[1:0] for additional information.
TABLE 3-2:
ETHERNET MEDIA INTERFACE PINS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91