| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN8804/ZMXC1 Fiches technique(PDF) 89 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8804/ZMXC1 Fiches technique(HTML) 89 Page - Microchip Technology |
|
89 / 91 page ![]() LAN8804 © 2024 Microchip Technology Inc. and its subsidiaries DS00003591G-page 89 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: LAN8804 Temperature: Blank = 0C to +85C (Commercial) V = -40C to +85C (Industrial) Package: ZMX = 128-pin TQFP (9.0 mm ePad) Silicon Revision: Blank = Silicon Revision prior to C1 C1 = Silicon Revision C1 Examples: a) LAN8804/ZMXC1 128-pin TQFP, Tray, Commercial Temperature, Silicon Revision 1 b) LAN8804-V/ZMXC1 128-pin TQFP, Tray, Industrial Temperature, Silicon Revision 1 PART NO. XXX Package Device [-X] Temp. / RR Silicon Revision |