Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B32321 Fiches technique(PDF) 6 Page - EPCOS

No de pièce B32321
Description  AC Film Capacitors Motor Run UL Series - Construction Only
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B32321 Fiches technique(HTML) 6 Page - EPCOS

  B32321 Datasheet HTML 1Page - EPCOS B32321 Datasheet HTML 2Page - EPCOS B32321 Datasheet HTML 3Page - EPCOS B32321 Datasheet HTML 4Page - EPCOS B32321 Datasheet HTML 5Page - EPCOS B32321 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AC Film Capacitors
B 32 321 / ...23
Motor Run
UL Series – Construction Only
Issue No. 2
07/01
Page 6 of 6
UN
Vac
CN
µF
Max. dimensions
d x l (mm)
B32321/23
Ordering code
Packing unit (pcs.)
450
3
30 x 62
B323**-B6305-+0$0
112
6
35 x 62
B323**-B6605-+0$0
84
8
35 x 71
B323**-B6805-+0$0
84
10
40 x 71
B323**-B6106-+0$0
45
12
40 x 71
B323**-B6126-+0$0
45
15
45 x 71
B323**-A6156-+0$0
45
20
45 x 71
B323**-A6206-+0$0
45
25
45 x 95
B323**-A6256-+0$0
45
30
45 x 95
B323**-A6306-+0$0
45
35
50 x 95
B323**-A6356-+0$0
32
40
45 x 120
B323**-A6406-+0$0
45
45
50 x 120
B323**-A6456-+0$0
32
50
50 x 120
B323**-A6506-+0$0
32
Notes for ordering code:
** Replace for terminals
21 – Single faston terminals
23 – Double faston terminals
+ Replace for capacitance tolerance
J -
± 5%
K-
± 10%
$ Replace for construction
1 - Plastic case FRPP (UL94 V-2)
3 - Plastic case FRPP (UL94 V-2) and M8 bolt
 EPCOS AG 2000. All Rights Reserved. Reproduction, publication and dissemination of this data sheet, enclosures hereto
and the information contained therein without EPCOS' prior express consent is prohibited.
The information contained in this data sheet describes the type of component and shall not be considered as guaranteed
characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the
Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers'
Association), unless otherwise agreed.



Html Pages

1 2 3 4 5 6