Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP6332 Fiches technique(PDF) 9 Page - Sipex Corporation

No de pièce SP6332
Description  Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6332 Fiches technique(HTML) 9 Page - Sipex Corporation

Back Button SP6332 Datasheet HTML 5Page - Sipex Corporation SP6332 Datasheet HTML 6Page - Sipex Corporation SP6332 Datasheet HTML 7Page - Sipex Corporation SP6332 Datasheet HTML 8Page - Sipex Corporation SP6332 Datasheet HTML 9Page - Sipex Corporation SP6332 Datasheet HTML 10Page - Sipex Corporation SP6332 Datasheet HTML 11Page - Sipex Corporation SP6332 Datasheet HTML 12Page - Sipex Corporation SP6332 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Nov20-06 Rev M
SP6330/32/34 Quad Power Supervisory Circuit Family
© Copyright 2006 Sipex Corporation
9
0
100
200
300
400
500
85 80 70 60 50 40 30 20 10
0 -10 -20 -30 -40
D e g C
Reset Timeout vs. Temperature
ResetTimeout Delay Vs. Temperature
R S T B v s . V 1 (V 2 = G N D )
0
0.5
1
1.5
2
2.5
3
3.
5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V1 (Vdc)
Reset Good
APPLICATION INFORMATION
(400ms Reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13