Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP6332 Fiches technique(PDF) 7 Page - Sipex Corporation

No de pièce SP6332
Description  Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6332 Fiches technique(HTML) 7 Page - Sipex Corporation

Back Button SP6332 Datasheet HTML 3Page - Sipex Corporation SP6332 Datasheet HTML 4Page - Sipex Corporation SP6332 Datasheet HTML 5Page - Sipex Corporation SP6332 Datasheet HTML 6Page - Sipex Corporation SP6332 Datasheet HTML 7Page - Sipex Corporation SP6332 Datasheet HTML 8Page - Sipex Corporation SP6332 Datasheet HTML 9Page - Sipex Corporation SP6332 Datasheet HTML 10Page - Sipex Corporation SP6332 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Nov20-06 Rev M
SP6330/32/34 Quad Power Supervisory Circuit Family
© Copyright 2006 Sipex Corporation
7
Figure 1: Functionality of a SP63XX family member with manual reset and watchdog
capabilities but without WDOB output.
• V1 > Vth1, V2 > Vth2 , V3 > Vth3 and V4 > Vth4 (all supplies over their corresponding
thresholds)---> RSTB is de-asserted after reset timeout period (Trp).
• MRIB goes to “LOW” to force “Reset” ----> RSTB is asserted immediately.
• WDI does not make any transition during watchdog timeout period (Twd) ---->RSTB is
asserted for a duration of reset timeout period (Trp).
• One of the supplies drops below its corresponding threshold (in this case V3)---->RSTB
is asserted immediately.
THEORY OF OPERATION
V1
V2
V3
V4
Vth1
Vth2
Vth3=0.5V
Vth4=0.5V
MRIB
WDI
RSTB
Trp
Trp
Twd
Trp
T<Twd
T<Twd
T<Twd
T<Twd
T<Twd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13