Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP3232EBEA/TR Fiches technique(PDF) 22 Page - Sipex Corporation

No de pièce SP3232EBEA/TR
Description  CorporationTrue 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232EBEA/TR Fiches technique(HTML) 22 Page - Sipex Corporation

Back Button SP3232EBEA/TR Datasheet HTML 17Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 18Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 19Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 20Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 21Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 22Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 23Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 24Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 25Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Date:11/02/05
SP3222EB/SP3232EB True +3.0V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
22
19
Date: 02/27/05
SP3222EB/3232EB True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
Seating Plane
A2
A
A1
b
SEE DETAIL “A”
B
B
Seaing Plane
L1
L
Ø1
DETAIL A
Ø2
Ø3
C
b
Section B-B
E1
E
D
INDEX AREA
D
2 x 2
E1
1
2
e
SYMBOL
MIN
NOM
MAX
A
-
-
1.2
A1
0.05
-
0.15
A2
0.8
1
1.05
b
0.19
-
0.3
c
0.09
-
0.2
D
4.9
5
5.1
E
E1
4.3
4.4
4.5
e
Ø1
0º
4º
8º
ø2
ø3
L
0.45
0.6
0.75
L1
Note: Dimensions in (mm)
16 Pin TSSOP JEDEC MO-153 (AB)
Variation
6.40 BSC
0.65 BSC
12º REF
12º REF
1.00 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25