Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP3232EBEA/TR Fiches technique(PDF) 18 Page - Sipex Corporation

No de pièce SP3232EBEA/TR
Description  CorporationTrue 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232EBEA/TR Fiches technique(HTML) 18 Page - Sipex Corporation

Back Button SP3232EBEA/TR Datasheet HTML 14Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 15Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 16Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 17Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 18Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 19Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 20Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 21Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 22Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Date:11/02/05
SP3222EB/SP3232EB True +3.0V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
1
eA
eB
E
D1
D
L
A1
b
b2
e
b3
N
1 2 3
INDEX
AREA
N/2
E
E1
C
b
SYMBOL
MIN
NOM
MAX
A
-
-
0.21
A1
0.15
-
-
A2
0.115
0.13
0.195
b
0.014
0.018
0.022
b2
0.045
0.06
0.07
b3
0.3
0.039
0.045
c
0.008
0.01
0.014
D
0.88
0.9
0.92
D1
0.005
-
-
E
0.3
0.31
0.325
E1
0.24
0.25
0.28
e
eA
eB
-
-
0.43
L
0.115
0.13
0.15
Note: Dimensions in (mm)
.100 BSC
.300 BSC
18 PIN PDIP JEDEC MS-001 (AC) Variation
A
A2
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25