Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSXXXSP Fiches technique(PDF) 26 Page - List of Unclassifed Manufacturers

No de pièce FSXXXSP
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

FSXXXSP Fiches technique(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button FSXXXSP Datasheet HTML 22Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 23Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 24Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 25Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 26Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 27Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 28Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 29Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
SECTION 1
HPS FUSION™
54
Data subject to change without notice.
© Hammond power solutions Inc.
The HPS Fusion™ line of single phase, general purpose enclosed transformers are ideally suited for general
purpose, industrial and light duty loads. They have been designed for indoor applications and offer an efficient
and economical solution. These units are well suited for HVAC applications, signal and alarm systems, motor
control circuits, lighting and circuit isolation.
The HPS Fusion control transformer is an enclosed style unit with either molded terminal blocks (on units up
to 3000 VA or 30 amps) or coil face termination. Optional Finger guards and a fuse block adapter kit are available
upon request.
For an economical approach to general purpose loads, the HPS Fusion is the transformer of choice.
Hps fusion™ General purpose enclosed transformer
standards
The HPS Fusion Control Transformers meet or exceed the standards established by Ul,
CSA, IEC and nEmA.
standard
file #
Va size
Ul (AnSI/Ul506)
E50394
All
CSA
lr3902
All
IEC 61558
All
nEmA (ST-1)
All
the Ideal solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52