Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSXXXSP Fiches technique(PDF) 18 Page - List of Unclassifed Manufacturers

No de pièce FSXXXSP
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

FSXXXSP Fiches technique(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button FSXXXSP Datasheet HTML 14Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 15Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 16Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 17Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 18Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 19Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 20Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 21Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
46
SECTION 1
HPS SPARTAN®
© Hammond Power Solutions Inc.
Data subject to change without notice.
The HPS Spartan® line of industrial control transformers are ideally suited for general purpose, industrial and
light duty loads. Designed for applications where high inrush or machine tool duty are not necessary, the HPS
Spartan industrial open-style control transformer offers an efficient and economical solution. These units are well
suited for HVAC applications, signal and alarm systems, motor control circuits, lighting and circuit isolation.
The HPS Spartan control transformer is an open style unit with molded terminal blocks up to 3000 VA or 30
amps. Optional Finger guards and a fuse block adapter kit are available upon request.
For an economical approach to control transformers, the HPS Spartan is the transformer of choice.
Hps spartan® Industrial open-style Control transformer
the economical solution
standards
The HPS Spartan Control Transformers meet or exceed the standards established by Ul,
CSA, IEC and nEmA.
standard
file #
Va size
Ul (AnSI/Ul506)
E50394
All
CSA
lr3902
All
IEC 61558
All
nEmA (ST-1)
All



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52