Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD6676AS Fiches technique(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

No de pièce FDD6676AS
Description  N-channel Advanced Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Site Internet  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

FDD6676AS Fiches technique(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  FDD6676AS Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED FDD6676AS Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED FDD6676AS Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED FDD6676AS Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Min.
Typ.
Max.
Unit
V(BR)DSS
40
V
VDS = 32V, VGS = 0V
1.0
TJ = 55°C
5.0
IGSS
±100
nA
Gate Threshold Voltage
VGS(th)
1.2
2.5
V
2.0
m
3.0
m
gFS
171
S
VSD
0.69
1.0
V
IS
125
A
Ciss
3133
pF
Coss
1993
pF
Crss
75
pF
Rg
2.8
Qg
46
nC
Qg
23
nC
Qgs
6.2
nC
Qgd
6.5
nC
tD(on)
6.7
ns
tr
20
ns
tD(off)
72
ns
tf
52
ns
trr
50
ns
Qrr
29
nC
Symbol
Unit
RJA
°C/W
RJC
°C/W
Notes:
A
Gate-Body Leakage Current
VDS = 0V, VGS = ±20V
Body Diode Reverse Recovery Time
IF = 15A, dIF/dt = 100A/s
Zero Gate Voltage Drain Current
IDSS
VDS = VGS, ID = 250A
Diode Continuous Current
VGS = 10V, ID = 20A
Forward Transconductance
VDS = 5V, ID = 20A
Input Capacitance
VGS = 0V, VDS = 20V, f = 1MHz
Static Drain-Source ON-Resistance
RDS(ON)
Body Diode Reverse Recovery Charge
Turn-Off Fall Time
45
1.0
IF = 15A, dIF/dt = 100A/s
Parameter
Thermal Resistance, Junction-to-Case
Typ.
Thermal Performance
Max.
38
0.8
Parameter
Conditions
Drain-Source Breakdown Voltage
ID = 250A, VGS = 0V
STATIC PARAMETERS
Electrical Characteristics (@ TJ = 25°C unless otherwise specified)
Diode Forward Voltage
IS = 1A, VGS = 0V
Output Capacitance
Reverse Transfer Capacitance
DYNAMIC PARAMETERS
(5)
TC = 25°C
SWITCHING PARAMETERS
(5)
VGS = 4.5V, ID = 15A
application board design.
Gate Resistance
VGS = 0V, VDS= 0V, f = 1MHz
Total Gate Charge (@ VGS = 10V)
VGS = 0 to 10V
VDS = 20V, ID = 20A
Total Gate Charge (@ VGS = 4.5V)
Gate Source Charge
Gate Drain Charge
Turn-On DelayTime
VGS = 10V, VDS = 20V
RL = 1, RGEN = 6
Turn-On Rise Time
Turn-Off DelayTime
1. Computed continuous current assumes the condition of TJ_Max while the actual continuous current depends on the thermal & electro-mechanical
Thermal Resistance, Junction-to-Ambient
2. This single-pulse measurement was taken under TJ_Max = 150°C.
3. This single-pulse measurement was taken under the following condition [L = 300H, VGS = 10V, VDS = 20V] while its value is limited by
4. The power dissipation PD is based on TJ_Max = 150°C.
5. This value is guaranteed by design hence it is not included in the production test.
TJ_Max = 150°C.
v2.0
www.bychip.cn
FDD6676AS
v2.0



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com