Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD6676AS Fiches technique(PDF) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

No de pièce FDD6676AS
Description  N-channel Advanced Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Site Internet  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

FDD6676AS Fiches technique(HTML) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

  FDD6676AS Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED FDD6676AS Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED FDD6676AS Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED FDD6676AS Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
Unit
VDS
V
VGS
V
IDM
A
IAS
A
EAS
mJ
TJ, TSTG
°C
A
Drain-to-Source Voltage
40
Gate-to-Source Voltage
±20
Value
Absolute Maximum Ratings (@ TA = 25°C unless otherwise specified)
Parameter
Junction & Storage Temperature Range
-55 to 150
Power Dissipation (4)
TC = 25°C
PD
125
W
TC = 100°C
50
Avalanche Current (3)
33
Avalanche Energy (3)
163
Pulsed Drain Current (2)
529
Continuous Drain
Current (1)
TC = 25°C
ID
150
TC = 100°C
115
0
2
4
6
8
10
24
68
10
VGS (V)
0
2
4
6
8
10
0
0
1
0
2
3040
50
Qg (nC)
RDS(ON) vs. VGS
Gate Charge
VDS = 20V
ID = 20A
ID = 20A
N-channel Advanced Mode Power MOSFET
Features
 VDS=
40V, ID= 150A
RDS(ON) <
2 mΩ @ VGS = 10V
RDS(ON) <
3 mΩ @ VGS = 4.5V
●
Advanced Trench Technology
●
Provide Excellent RDS(ON) and Low Gate
Charge
●
Lead Free and Green Available
100% UIS TESTED!
100% ΔVds TESTED!
General Features
Pin Assignment
TO-252-2L Top View
Schematic Diagram
www.bychip.cn
FDD6676AS
v1.0


Numéro de pièce similaire - FDD6676AS

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
30V N-Channel PowerTrench SyncFET
FDD6676AS_NL FAIRCHILD-FDD6676AS_NL Datasheet
120Kb / 8P
30V N-Channel PowerTrench SyncFET
More results

Description similaire - FDD6676AS

FabricantNo de pièceFiches techniqueDescription
logo
Ruichips Semiconductor ...
RU1H35Q RUICHIPS-RU1H35Q Datasheet
370Kb / 9P
N-Channel Advanced Power MOSFET
RU1H130R RUICHIPS-RU1H130R Datasheet
294Kb / 9P
N-Channel Advanced Power MOSFET
RU1HE16L RUICHIPS-RU1HE16L Datasheet
285Kb / 9P
N-Channel Advanced Power MOSFET
RU2H15S RUICHIPS-RU2H15S Datasheet
280Kb / 9P
N-Channel Advanced Power MOSFET
RU2H50Q RUICHIPS-RU2H50Q Datasheet
282Kb / 9P
N-Channel Advanced Power MOSFET
RU4H10P RUICHIPS-RU4H10P Datasheet
286Kb / 9P
N-Channel Advanced Power MOSFET
RU206G RUICHIPS-RU206G Datasheet
247Kb / 9P
N-Channel Advanced Power MOSFET
RU2090M RUICHIPS-RU2090M Datasheet
305Kb / 9P
N-Channel Advanced Power MOSFET
RU4090L RUICHIPS-RU4090L Datasheet
281Kb / 9P
N-Channel Advanced Power MOSFET
RU30100L RUICHIPS-RU30100L Datasheet
286Kb / 9P
N-Channel Advanced Power MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com