Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZM2.4NBA Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PZM2.4NBA
Description  Voltage regulator double diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM2.4NBA Fiches technique(HTML) 2 Page - NXP Semiconductors

  PZM2.4NBA Datasheet HTML 1Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 2Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 3Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 4Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 5Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 6Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 7Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 8Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Jun 11
2
Philips Semiconductors
Product specification
Voltage regulator double diodes
PZM-NA series
FEATURES
• Total power dissipation: max. 220 mW per diode
• Small plastic package suitable for surface mounted
design
• Working voltage: nom. 2.4 V and 15 V (E24 range).
APPLICATIONS
• General regulation functions.
DESCRIPTION
Low power general purpose voltage regulator double
diodes in a SOT346 (SC59) plastic package, suitable for
surface mounted design.
PINNING
PIN
DESCRIPTION
1
cathode
2
cathode
3
anode
Fig.1
Simplified outline (SOT346; SC59) and
symbol.
handbook, halfpage
Top view
2
1
3
MAM407
2
1
3
MARKING
TYPE NUMBER
MARKING CODE
TYPE NUMBER
MARKING CODE
PZM2.4NBA
2A4
PZM6.2NB2A
6A2
PZM2.7NB2A
2A7
PZM6.8NB2A
6A8
PZM3.0NB2A
3A0
PZM7.5NB2A
7A5
PZM3.3NB2A
3A3
PZM8.2NB2A
8A2
PZM3.6NB2A
3A6
PZM9.1NB2A
9A1
PZM3.9NB2A
3A9
PZM10NB2A
10A
PZM4.3NB2A
4A3
PZM11NB2A
11A
PZM4.7NB2A
4A7
PZM12NB2A
12A
PZM5.1NB2A
5A1
PZM13NB2A
13A
PZM5.6NB2A
5A6
PZM15NB2A
15A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com