Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZM2.4NBA Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce PZM2.4NBA
Description  Voltage regulator double diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM2.4NBA Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button PZM2.4NBA Datasheet HTML 2Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 3Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 4Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 5Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 6Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 7Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 8Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 9Page - NXP Semiconductors PZM2.4NBA Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Jun 11
6
Philips Semiconductors
Product specification
Voltage regulator double diodes
PZM-NA series
GRAPHICAL DATA
Fig.2
Forward current as a function of forward
voltage; typical values.
Tj =25 °C.
handbook, halfpage
0.6
1.0
300
100
0
200
MBG781
0.8
VF (V)
IF
(mA)
Fig.3
Temperature coefficient as a function of
working current; typical values.
PZM2.4NBA to PZM4.3NB2A.
Tj =25 °Cto150 °C.
handbook, halfpage
060
0
−2
−3
−1
MBG783
20
40
IZ (mA)
SZ
(mV/K)
4V3
3V9
3V6
3V0
2V4
2V7
3V3
Fig.4
Temperature coefficient as a function of
working current; typical values.
PZM4.7NB2A to PZM12NB2A.
Tj =25 °Cto150 °C.
handbook, halfpage
020
16
10
0
−5
5
MBG782
48
12
IZ (mA)
SZ
(mV/K)
4V7
12
11
10
9V1
8V2
7V5
6V8
6V2
5V6
5V1
Fig.5 Power derating curve per diode.
handbook, halfpage
0
300
200
100
0
50
P
(mW)
100
200
150
Tamb (°C)
MDA988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com