| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8248VRT Fiches technique(PDF) 40 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8248VRT Fiches technique(HTML) 40 Page - Freescale Semiconductor, Inc |
|
40 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 40 Freescale Semiconductor Clock Configuration Modes 1011_011 25.0 50.0 8 200.0 400.0 3.5 280.0 560.0 2.5 80.0 160.0 1011_100 25.0 50.0 8 200.0 400.0 4 320.0 640.0 2.5 80.0 160.0 1011_101 25.0 50.0 8 200.0 400.0 2.5 250.0 500.0 2 100.0 200.0 1011_110 25.0 50.0 8 200.0 400.0 3 300.0 600.0 2 100.0 200.0 1011_111 25.0 50.0 8 200.0 400.0 3.5 350.0 700.0 2 100.0 200.0 1100_101 25.0 50.0 6 150.0 300.0 4 200.0 400.0 3 50.0 100.0 1100_110 25.0 50.0 6 150.0 300.0 4.5 225.0 450.0 3 50.0 100.0 1100_111 25.0 50.0 6 150.0 300.0 5 250.0 500.0 3 50.0 100.0 1101_000 25.0 50.0 6 150.0 300.0 5.5 275.0 550.0 3 50.0 100.0 1101_001 25.0 50.0 6 150.0 300.0 3.5 210.0 420.0 2.5 60.0 120.0 1101_010 25.0 50.0 6 150.0 300.0 4 240.0 480.0 2.5 60.0 120.0 1101_011 25.0 50.0 6 150.0 300.0 4.5 270.0 540.0 2.5 60.0 120.0 1101_100 25.0 50.0 6 150.0 300.0 5 300.0 600.0 2.5 60.0 120.0 1110_000 25.0 50.0 5 125.0 250.0 2.5 156.3 312.5 2 62.5 125.0 1110_001 25.0 50.0 5 125.0 250.0 3 187.5 375.0 2 62.5 125.0 1110_010 28.6 50.0 5 142.9 250.0 3.5 250.0 437.5 2 71.4 125.0 1110_011 25.0 50.0 5 125.0 250.0 4 250.0 500.0 2 62.5 125.0 1110_100 25.0 50.0 5 125.0 250.0 4 166.7 333.3 3 41.7 83.3 1110_101 25.0 50.0 5 125.0 250.0 4.5 187.5 375.0 3 41.7 83.3 1110_110 25.0 50.0 5 125.0 250.0 5 208.3 416.7 3 41.7 83.3 1110_111 25.0 50.0 5 125.0 250.0 5.5 229.2 458.3 3 41.7 83.3 1100_000 Reserved 1100_001 Reserved 1100_010 Reserved Table 19. Clock Configurations for PCI Agent Mode (PCI_MODCK=1) 1, 2 (continued) Mode 3 PCI Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) Bus Division Factor Bus Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |