Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8248VRT Fiches technique(PDF) 27 Page - Freescale Semiconductor, Inc

No de pièce MPC8248VRT
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VRT Fiches technique(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC8248VRT Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8248VRT Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8248VRT Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8248VRT Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8248VRT Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8248VRT Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8248VRT Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8248VRT Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8248VRT Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
Freescale Semiconductor
27
Clock Configuration Modes
0110_100
60.0
80.0
2.5
150.0 200.0
4.5
270.0 360.0
3
50.0
66.7
0110_101
60.0
80.0
2.5
150.0 200.0
5
300.0 400.0
3
50.0
66.7
0110_110
60.0
80.0
2.5
150.0 200.0
6
360.0 480.0
3
50.0
66.7
0111_000
Reserved
0111_001
50.0
66.7
3
150.0 200.0
3
150.0 200.0
3
50.0
66.7
0111_010
50.0
66.7
3
150.0 200.0
3.5
175.0 233.3
3
50.0
66.7
0111_011
50.0
66.7
3
150.0 200.0
4
200.0 266.6
3
50.0
66.7
0111_100
50.0
66.7
3
150.0 200.0
4.5
225.0 300.0
3
50.0
66.7
1000_000
Reserved
1000_001
66.7
88.9
3
200.0 266.6
3
200.0 266.6
4
50.0
66.7
1000_010
66.7
88.9
3
200.0 266.6
3.5
233.3 311.1
4
50.0
66.7
1000_011
66.7
88.9
3
200.0 266.6
4
266.7 355.5
4
50.0
66.7
1000_100
66.7
88.9
3
200.0 266.6
4.5
300.0 400.0
4
50.0
66.7
1000_101
66.7
88.9
3
200.0 266.6
6
400.0 533.3
4
50.0
66.7
1000_110
66.7
88.9
3
200.0 266.6
6.5
433.3 577.7
4
50.0
66.7
1001_000
Reserved
1001_001
Reserved
1001_010
57.1
76.2
3.5
200.0 266.6
3.5
200.0 266.6
4
50.0
66.7
1001_011
57.1
76.2
3.5
200.0 266.6
4
228.6 304.7
4
50.0
66.7
1001_100
57.1
76.2
3.5
200.0 266.6
4.5
257.1 342.8
4
50.0
66.7
1001_101
85.7
114.3
3.5
300.0 400.0
5
428.6 571.4
6
50.0
66.7
1001_110
85.7
114.3
3.5
300.0 400.0
5.5
471.4 628.5
6
50.0
66.7
1001_111
85.7
114.3
3.5
300.0 400.0
6
514.3 685.6
6
50.0
66.7
1010_000
75.0
100.0
2
150.0 200.0
2
150.0 200.0
3
50.0
66.7
1010_001
75.0
100.0
2
150.0 200.0
2.5
187.5 250.0
3
50.0
66.7
Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=0) 1, 2 (continued)
Mode 3
Bus Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60