Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8271CVRT Fiches technique(PDF) 41 Page - Freescale Semiconductor, Inc

No de pièce MPC8271CVRT
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8271CVRT Fiches technique(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC8271CVRT Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8271CVRT Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8271CVRT Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8271CVRT Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8271CVRT Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8271CVRT Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8271CVRT Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8271CVRT Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8271CVRT Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
Freescale Semiconductor
41
Pinout
8
Pinout
The figure and table below show the pin assignments and pinout for the 516 PBGA package.
Figure 12 shows the pinout of the 516 PBGA package as viewed from the top surface.
1
The “low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency in a
table entry guarantees only the required minimum CPU operating frequency. The “high” values are for the purpose
of illustration only. Users must select a mode and input bus frequency so that the resulting configuration does not
exceed the frequency rating of the user’s device. The minimum CPU frequency is 150 MHz for commercial
temperature devices and 175 MHz for extended temperature devices. The minimum CPM frequency is 120 MHz.
2
PCI_MODCK determines the PCI clock frequency range. Refer to Table 18 for higher range configurations.
3
MODCK_H = hard reset configuration word [28–31] (refer to Section 5.4 in the
MPC8260 User’s Manual).
MODCK[1-3] = three hardware configuration pins.
4
CPM multiplication factor = CPM clock/bus clock
5
CPU multiplication factor = Core PLL multiplication factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60