| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8271CVRT Fiches technique(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8271CVRT Fiches technique(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 38 Freescale Semiconductor Clock Configuration Modes 0001_100 25.0 50.0 4 100.0 200.0 8 200.0 400.0 4 25.0 50.0 0010_001 25.0 50.0 6 150.0 300.0 3 180.0 360.0 2.5 60.0 120.0 0010_010 25.0 50.0 6 150.0 300.0 3.5 210.0 420.0 2.5 60.0 120.0 0010_011 25.0 50.0 6 150.0 300.0 4 240.0 480.0 2.5 60.0 120.0 0010_100 25.0 50.0 6 150.0 300.0 4.5 270.0 540.0 2.5 60.0 120.0 0011_000 Reserved 0011_001 37.5 50.0 4 150.0 200.0 3 150.0 200.0 3 50.0 66.7 0011_010 32.1 50.0 4 128.6 200.0 3.5 150.0 233.3 3 42.9 66.7 0011_011 28.1 50.0 4 112.5 200.0 4 150.0 266.7 3 37.5 66.7 0011_100 25.0 50.0 4 100.0 200.0 4.5 150.0 300.0 3 33.3 66.7 0100_000 Reserved 0100_001 25.0 50.0 6 150.0 300.0 3 150.0 300.0 3 50.0 100.0 0100_010 25.0 50.0 6 150.0 300.0 3.5 175.0 350.0 3 50.0 100.0 0100_011 25.0 50.0 6 150.0 300.0 4 200.0 400.0 3 50.0 100.0 0100_100 25.0 50.0 6 150.0 300.0 4.5 225.0 450.0 3 50.0 100.0 0101_000 30.0 50.0 5 150.0 250.0 2.5 150.0 250.0 2.5 60.0 100.0 0101_001 25.0 50.0 5 125.0 250.0 3 150.0 300.0 2.5 50.0 100.0 0101_010 25.0 50.0 5 125.0 250.0 3.5 175.0 350.0 2.5 50.0 100.0 0101_011 25.0 50.0 5 125.0 250.0 4 200.0 400.0 2.5 50.0 100.0 0101_100 25.0 50.0 5 125.0 250.0 4.5 225.0 450.0 2.5 50.0 100.0 0101_101 25.0 50.0 5 125.0 250.0 5 250.0 500.0 2.5 50.0 100.0 0101_110 25.0 50.0 5 125.0 250.0 5.5 275.0 550.0 2.5 50.0 100.0 0110_000 Reserved 0110_001 25.0 50.0 8 200.0 400.0 3 200.0 400.0 3 66.7 133.3 0110_010 25.0 50.0 8 200.0 400.0 3.5 233.3 466.7 3 66.7 133.3 Table 19. Clock Configurations for PCI Agent Mode (PCI_MODCK=1) 1, 2 (continued) Mode 3 PCI Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) Bus Division Factor Bus Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |