| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8541ECPXAJD Fiches technique(PDF) 53 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8541ECPXAJD Fiches technique(HTML) 53 Page - Freescale Semiconductor, Inc |
|
53 / 84 page ![]() MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 53 Package and Pin Listings Figure 38 shows the PCI input AC timing conditions. Figure 38. PCI Input AC Timing Measurement Conditions Figure 39 shows the PCI output AC timing conditions. Figure 39. PCI Output AC Timing Measurement Condition 14 Package and Pin Listings This section details package parameters, pin assignments, and dimensions. 14.1 Package Parameters for the MPC8541E FC-PBGA The package parameters are as provided in the following list. The package type is 29 mm × 29 mm, 783 flip chip plastic ball grid array (FC-PBGA). Die size 8.7 mm × 9.3 mm × 0.75 mm Package outline 29 mm × 29 mm Interconnects 783 Pitch 1 mm Minimum module height 3.07 mm Maximum module height 3.75 mm Solder Balls 62 Sn/36 Pb/2 Ag Ball diameter (typical) 0.5 mm tPCIVKH CLK Input tPCIXKH CLK Output Delay tPCKHOV High-Impedance tPCKHOZ Output |