| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8541ECPXAJD Fiches technique(PDF) 26 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8541ECPXAJD Fiches technique(HTML) 26 Page - Freescale Semiconductor, Inc |
|
26 / 84 page ![]() MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 26 Freescale Semiconductor Ethernet: Three-Speed, MII Management 8.2.4 TBI AC Timing Specifications This section describes the TBI transmit and receive AC timing specifications. 8.2.4.1 TBI Transmit AC Timing Specifications Table 24 provides the MII transmit AC timing specifications. Figure 11 shows the TBI transmit AC timing diagram. Figure 11. TBI Transmit AC Timing Diagram Table 24. TBI Transmit AC Timing Specifications At recommended operating conditions with LVDD of 3.3 V ± 5%. Parameter/Condition Symbol 1 Min Typ Max Unit GTX_CLK clock period tTTX —8.0 — ns GTX_CLK duty cycle tTTXH/tTTX 40 — 60 % GMII data TCG[9:0], TX_ER, TX_EN setup time GTX_CLK going high tTTKHDV 2.0 — — ns GMII data TCG[9:0], TX_ER, TX_EN hold time from GTX_CLK going high tTTKHDX 1.0 — — ns GTX_CLK clock rise and fall time tTTXR, tTTXF 2,3 —— 1.0 ns Notes: 1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state )(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tTTKHDV symbolizes the TBI transmit timing (TT) with respect to the time from tTTX (K) going high (H) until the referenced data signals (D) reach the valid state (V) or setup time. Also, tTTKHDX symbolizes the TBI transmit timing (TT) with respect to the time from tTTX (K) going high (H) until the referenced data signals (D) reach the invalid state (X) or hold time. Note that, in general, the clock reference symbol representation is based on three letters representing the clock of a particular functional. For example, the subscript of tTTX represents the TBI (T) transmit (TX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). 2. Signal timings are measured at 0.7 V and 1.9 V voltage levels. 3. Guaranteed by design. GTX_CLK TCG[9:0] tTTXR tTTX tTTXH tTTXR tTTXF tTTKHDV tTTKHDX tTTXF |