Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8270CVRM Fiches technique(PDF) 16 Page - Freescale Semiconductor, Inc

No de pièce MPC8270CVRM
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRM Fiches technique(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8270CVRM Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8270CVRM Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8270CVRM Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8270CVRM Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8270CVRM Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8270CVRM Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8270CVRM Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8270CVRM Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8270CVRM Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
16
Freescale Semiconductor
AC Electrical Characteristics
NOTE
Although the specifications generally reference the rising edge of the clock, the
following AC timing diagrams also apply when the falling edge is the active edge.
Figure 3 shows the FCC internal clock.
Figure 3. FCC Internal Clock Diagram
Figure 4 shows the FCC external clock.
Figure 4. FCC External Clock Diagram
BRG_OUT
FCC input signals
FCC output signals
FCC output signals
Note: When GFMR.[TCI] = 1
Note: When GFMR[TCI] = 0
sp36a/sp37a
sp36a/sp37a
sp17a
sp16a
Serial ClKin
FCC input signals
FCC output signals
FCC output signals
Note: When GFMR[TCI] = 1
Note: When GFMR[TCI] = 0
sp16b
sp17b
sp36b/sp37b
sp36b/sp37b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80