| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8270CVRM Fiches technique(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270CVRM Fiches technique(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 36 Freescale Semiconductor Clock Configuration Modes Table 19. Clock Configurations for PCI Agent Mode (PCI_MODCK=0) 1, 2 Mode 3 PCI Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) Bus Division Factor Bus Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High Default Modes (MODCK_H=0000 0000_000 60.0 66.7 2 120.0 133.3 2.5 150.0 166.7 2 60.0 66.7 0000_001 50.0 66.7 2 100.0 133.3 3 150.0 200.0 2 50.0 66.7 0000_010 50.0 66.7 3 150.0 200.0 3 150.0 200.0 3 50.0 66.7 0000_011 50.0 66.7 3 150.0 200.0 4 200.0 266.6 3 50.0 66.7 0000_100 50.0 66.7 3 150.0 200.0 3 180.0 240.0 2.5 60.0 80.0 0000_101 50.0 66.7 3 150.0 200.0 3.5 210.0 280.0 2.5 60.0 80.0 0000_110 50.0 66.7 4 200.0 266.6 3.5 233.3 311.1 3 66.7 88.9 0000_111 50.0 66.7 4 200.0 266.6 3 240.0 320.0 2.5 80.0 106.7 Full Configuration Modes 0001_001 60.0 66.7 2 120.0 133.3 5 150.0 166.7 4 30.0 33.3 0001_010 50.0 66.7 2 100.0 133.3 6 150.0 200.0 4 25.0 33.3 0001_011 50.0 66.7 2 100.0 133.3 7 175.0 233.3 4 25.0 33.3 0001_100 50.0 66.7 2 100.0 133.3 8 200.0 266.6 4 25.0 33.3 0010_001 50.0 66.7 3 150.0 200.0 3 180.0 240.0 2.5 60.0 80.0 0010_010 50.0 66.7 3 150.0 200.0 3.5 210.0 280.0 2.5 60.0 80.0 0010_011 50.0 66.7 3 150.0 200.0 4 240.0 320.0 2.5 60.0 80.0 0010_100 50.0 66.7 3 150.0 200.0 4.5 270.0 360.0 2.5 60.0 80.0 0011_000 Reserved 0011_001 Reserved 0011_010 Reserved 0011_011 Reserved 0011_100 Reserved 0100_000 Reserved 0100_001 50.0 66.7 3 150.0 200.0 3 150.0 200.0 3 50.0 66.7 0100_010 50.0 66.7 3 150.0 200.0 3.5 175.0 200.0 3 50.0 66.7 0100_011 50.0 66.7 3 150.0 200.0 4 200.0 266.6 3 50.0 66.7 0100_100 50.0 66.7 3 150.0 200.0 4.5 225.0 300.0 3 50.0 66.7 |