Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280CVRM Fiches technique(PDF) 51 Page - Freescale Semiconductor, Inc

No de pièce MPC8280CVRM
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRM Fiches technique(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRM Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
51
Pinout
LCL_D28/AD28
Y28
LCL_D29/AD29
Y25
LCL_D30/AD30
AA29
LCL_D31/AD31
AA28
LCL_DP0/C0/BE0
L28
LCL_DP1/C1/BE1
N28
LCL_DP2/C2/BE2
T28
LCL_DP3/C3/BE3
W28
IRQ0/NMI_OUT
T1
IRQ7/INT_OUT/APE
D1
TRST 1
AH3
TCK
AG5
TMS
AJ3
TDI
AE6
TDO
AF5
TRIS
AB4
PORESET1
AG6
HRESET
AH5
SRESET
AF6
QREQ
AA3
RSTCONF
AJ4
MODCK1/AP1/TC0/BNKSEL0
W2
MODCK2/AP2/TC1/BNKSEL1
W3
MODCK3/AP3/TC2/BNKSEL2
W4
CLKIN1
AH4
PA0/RESTART1/DREQ3
FCC2_UTM_TXADDR2
AC29 2
PA1/REJECT1/DONE3
FCC2_UTM_TXADDR1
AC252
PA2/CLK20/DACK3
FCC2_UTM_TXADDR0
AE282
PA3/CLK19/DACK4/L1RXD1A2
FCC2_UTM_RXADDR0
AG292
PA4/REJECT2/DONE4
FCC2_UTM_RXADDR1
AG282
PA5/RESTART2/DREQ4
FCC2_UTM_RXADDR2/FCC1_UT_RX
PRTY
AG262
PA6/FCC2_RXADDR3
L1RSYNCA1
AE242
PA7/SMSYN2/FCC2_TXADDR3
L1TSYNCA1/L1GNTA1
AH252
Table 21. MPC8280 and MPC8270 (ZU Package) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80