Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280CVRM Fiches technique(PDF) 44 Page - Freescale Semiconductor, Inc

No de pièce MPC8280CVRM
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRM Fiches technique(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRM Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
44
Freescale Semiconductor
Pinout
Figure 14 shows the side profile of the TBGA package to indicate the direction of the top surface view.
Figure 14. Side View of the TBGA Package
Table 21 shows the pinout list of the MPC8280 and MPC8270. Table 22 defines conventions and acronyms used in
Table 21.
Table 21. MPC8280 and MPC8270 (ZU Package) Pinout List
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only
BR
W5
BG
F4
ABB/IRQ2
E2
TS
E3
A0
G1
A1
H5
A2
H2
A3
H1
A4
J5
A5
J4
A6
J3
A7
J2
A8
J1
A9
K4
A10
K3
A11
K2
A12
K1
A13
L5
A14
L4
A15
L3
A16
L2
Soldermask
Copper Traces
Die
Copper Heat Spreader
(Oxidized for Insulation)
1.27 mm Pitch
Glob-Top Dam
Wire Bonds
Etched
Pressure Sensitive
Die
Glob-Top Filled Area
Polymide Tape
Cavity
Adhesive
Attach
View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80