| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8248VRM Fiches technique(PDF) 56 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8248VRM Fiches technique(HTML) 56 Page - Freescale Semiconductor, Inc |
|
56 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 56 Freescale Semiconductor Ordering Information 10 Ordering Information Figure 15 provides an example of the Freescale part numbering nomenclature for the MPC8272. In addition to the processor frequency, the part numbering scheme also consists of a part modifier that indicates any enhancement(s) in the part from the original production design. Each part number also contains a revision code that refers to the die mask revision number and is specified in the part numbering scheme for identification purposes only. For more information, contact a local Freescale sales office. Figure 15. Freescale Part Number Key Product Code Device Number Package Die Revision Level MPC 82XX C VR XXX X Temperature Range Blank = 0 to 105 °C C = -40 to 105 °C ZQ = 516 PBGA (lead spheres) VR = 516 PBGA (no lead spheres) B = 66 E = 100 I = 200 M = 266 P = 300 T = 400 CPU/CPM/Bus Frequency (MHz) |