Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8248VRM Fiches technique(PDF) 34 Page - Freescale Semiconductor, Inc

No de pièce MPC8248VRM
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VRM Fiches technique(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC8248VRM Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
34
Freescale Semiconductor
Clock Configuration Modes
0000_111
50.0
66.7
4
200.0 266.6
3
240.0 320.0
2.5
80.0
106.7
Full Configuration Modes
0001_001
60.0
66.7
2
120.0 133.3
5
150.0 166.7
4
30.0
33.3
0001_010
50.0
66.7
2
100.0 133.3
6
150.0 200.0
4
25.0
33.3
0001_011
50.0
66.7
2
100.0 133.3
7
175.0 233.3
4
25.0
33.3
0001_100
50.0
66.7
2
100.0 133.3
8
200.0 266.6
4
25.0
33.3
0010_001
50.0
66.7
3
150.0 200.0
3
180.0 240.0
2.5
60.0
80.0
0010_010
50.0
66.7
3
150.0 200.0
3.5
210.0 280.0
2.5
60.0
80.0
0010_011
50.0
66.7
3
150.0 200.0
4
240.0 320.0
2.5
60.0
80.0
0010_100
50.0
66.7
3
150.0 200.0
4.5
270.0 360.0
2.5
60.0
80.0
0011_000
Reserved
0011_001
Reserved
0011_010
Reserved
0011_011
Reserved
0011_100
Reserved
0100_000
Reserved
0100_001
50.0
66.7
3
150.0 200.0
3
150.0 200.0
3
50.0
66.7
0100_010
50.0
66.7
3
150.0 200.0
3.5
175.0 200.0
3
50.0
66.7
0100_011
50.0
66.7
3
150.0 200.0
4
200.0 266.6
3
50.0
66.7
0100_100
50.0
66.7
3
150.0 200.0
4.5
225.0 300.0
3
50.0
66.7
0101_000
50.0
66.7
5
250.0 333.3
2.5
250.0 333.3
2.5
100.0 133.3
0101_001
50.0
66.7
5
250.0 333.3
3
300.0 400.0
2.5
100.0 133.3
0101_010
50.0
66.7
5
250.0 333.3
3.5
350.0 466.6
2.5
100.0 133.3
0101_011
50.0
66.7
5
250.0 333.3
4
400.0 533.3
2.5
100.0 133.3
0101_100
50.0
66.7
5
250.0 333.3
4.5
450.0 599.9
2.5
100.0 133.3
0101_101
50.0
66.7
5
250.0 333.3
5
500.0 666.6
2.5
100.0 133.3
Table 18. Clock Configurations for PCI Agent Mode (PCI_MODCK=0) 1, 2 (continued)
Mode 3
PCI Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60