| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8270ZUI Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270ZUI Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 Freescale Semiconductor 7 Operating Conditions – Supports T1, CEPT, T1/E1, T3/E3, pulse code modulation highway, ISDN basic rate, ISDN primary rate, Freescale interchip digital link (IDL), general circuit interface (GCI), and user-defined TDM serial interfaces — Eight independent baud rate generators and 20 input clock pins for supplying clocks to FCCs, SCCs, SMCs, and serial channels — Four independent 16-bit timers that can be interconnected as two 32-bit timers • Inverse multiplexing for ATM capabilities (IMA) (MPC8280 only).Supported by eight transfer transmission convergence (TC) layers between the TDMs and FCC2. • Transmission convergence (TC) layer (MPC8280 only) 2 Operating Conditions Table 3 shows the maximum electrical ratings. Table 4 lists recommended operational voltage conditions. Table 3. Absolute Maximum Ratings 1 1 Absolute maximum ratings are stress ratings only; functional operation (see Table 4) at the maximums is not guaranteed. Stress beyond those listed may affect device reliability or cause permanent damage. Rating Symbol Value Unit Core supply voltage 2 2 Caution: VDD/VCCSYN must not exceed VDDH by more than 0.4 V during normal operation. It is recommended that VDD/VCCSYN should be raised before or simultaneous with VDDH during power-on reset. VDD/VCCSYN may exceed VDDH by more than 0.4 V during power-on reset for no more than 100 ms. VDD -0.3 – 2.25 V PLL supply voltage2 VCCSYN -0.3 – 2.25 V I/O supply voltage 3 3 Caution: VDDH can exceed VDD/VCCSYN by 3.3 V during power on reset by no more than 100 mSec. VDDH should not exceed VDD/VCCSYN by more than 2.5 V during normal operation. VDDH -0.3 – 4.0 V Input voltage 4 4 Caution: VIN must not exceed VDDH by more than 2.5 V at any time, including during power-on reset. VIN GND(-0.3) – 3.6 V Junction temperature Tj 120 °C Storage temperature range TSTG (-55) – (+150) °C Table 4. Recommended Operating Conditions 1 1 Caution: These are the recommended and tested operating conditions. Proper operation outside of these conditions is not guaranteed. Rating Symbol Value Unit Core supply voltage VDD 1.45 – 1.60 V PLL supply voltage VCCSYN 1.45 – 1.60 V I/O supply voltage VDDH 3.135 – 3.465 V Input voltage VIN GND (-0.3) – 3.465 V Junction temperature (maximum) Tj 105 2 2 Note that for extended temperature parts the range is (-40)T A – 105Tj. °C Ambient temperature TA 0–702 °C |