| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8270ZUI Fiches technique(PDF) 62 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270ZUI Fiches technique(HTML) 62 Page - Freescale Semiconductor, Inc |
|
62 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 62 Freescale Semiconductor Pinout D31 G5 D32 AA1 D33 V2 D34 U1 D35 P2 D36 M4 D37 K4 D38 H3 D39 F2 D40 Y2 D41 U3 D42 T2 D43 N2 D44 M5 D45 K1 D46 H4 D47 F1 D48 W2 D49 T4 D50 R3 D51 N4 D52 M1 D53 J2 D54 H5 D55 F3 D56 V3 D57 R5 D58 R2 D59 N5 D60 L2 D61 J3 D62 H1 D63 F4 Table 23. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued) Pin Name Ball MPC8275/MPC8270 MPC8275 only |