| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8280CVRE Fiches technique(PDF) 16 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280CVRE Fiches technique(HTML) 16 Page - Freescale Semiconductor, Inc |
|
16 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 16 Freescale Semiconductor AC Electrical Characteristics NOTE Although the specifications generally reference the rising edge of the clock, the following AC timing diagrams also apply when the falling edge is the active edge. Figure 3 shows the FCC internal clock. Figure 3. FCC Internal Clock Diagram Figure 4 shows the FCC external clock. Figure 4. FCC External Clock Diagram BRG_OUT FCC input signals FCC output signals FCC output signals Note: When GFMR.[TCI] = 1 Note: When GFMR[TCI] = 0 sp36a/sp37a sp36a/sp37a sp17a sp16a Serial ClKin FCC input signals FCC output signals FCC output signals Note: When GFMR[TCI] = 1 Note: When GFMR[TCI] = 0 sp16b sp17b sp36b/sp37b sp36b/sp37b |