Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280CVRE Fiches technique(PDF) 46 Page - Freescale Semiconductor, Inc

No de pièce MPC8280CVRE
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRE Fiches technique(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRE Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
46
Freescale Semiconductor
Pinout
D4
E12
D5
D9
D6
A6
D7
B5
D8
A20
D9
E17
D10
B15
D11
B13
D12
A11
D13
E9
D14
B7
D15
B4
D16
D19
D17
D17
D18
D15
D19
C13
D20
B11
D21
A8
D22
A5
D23
C5
D24
C19
D25
C17
D26
C15
D27
D13
D28
C11
D29
B8
D30
A4
D31
E6
D32
E18
D33
B17
D34
A15
D35
A12
D36
D11
Table 21. MPC8280 and MPC8270 (ZU Package) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80