| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC859TCZP100A Fiches technique(PDF) 85 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC859TCZP100A Fiches technique(HTML) 85 Page - Freescale Semiconductor, Inc |
|
85 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 Freescale Semiconductor 85 Mechanical Data and Ordering Information OP3 MODCK2 DSDO M4 Bidirectional BADDR30 REG K4 Output BADDR[28:29] M3, M2 Output AS L3 Input PA15 RXD1 RXD4 C18 Bidirectional PA14 TXD1 TXD4 D17 Bidirectional (Optional: Open-drain) PA13 RXD2 E17 Bidirectional PA12 TXD2 F17 Bidirectional (Optional: Open-drain) PA11 L1TXDB RXD3 G16 Bidirectional (Optional: Open-drain) PA10 L1RXDB TXD3 J17 Bidirectional (Optional: Open-drain) PA9 L1TXDA RXD4 K18 Bidirectional (Optional: Open-drain) PA8 L1RXDA TXD4 L17 Bidirectional (Optional: Open-drain) PA7 CLK1 L1RCLKA BRGO1 TIN1 M19 Bidirectional PA6 CLK2 TOUT1 M17 Bidirectional Table 39. Pin Assignments (continued) Name Pin Number Type |