| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC859TCZP100A Fiches technique(PDF) 65 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC859TCZP100A Fiches technique(HTML) 65 Page - Freescale Semiconductor, Inc |
|
65 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 Freescale Semiconductor 65 CPM Electrical Characteristics Figure 63. Ethernet Transmit Timing Diagram Figure 64. CAM Interface Receive Start Timing Diagram Figure 65. CAM Interface REJECT Timing Diagram 12.9 SMC Transparent AC Electrical Specifications Table 25 shows the SMC transparent timings as shown in Figure 66. TCLK1 128 TxD1 (Output) 128 TENA(RTS1) (Input) Notes: Transmit clock invert (TCI) bit in GSMR is set. If RENA is deasserted before TENA, or RENA is not asserted at all during transmit, then the CSL bit is set in the buffer descriptor at the end of the frame transmission. 1. 2. RENA(CD1) (Input) 133 134 132 131 121 129 RCLK1 RxD1 (Input) RSTRT (Output) 0 136 125 1 1 BIT1 BIT2 Start Frame Delimiter REJECT 137 |