Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC862P Fiches technique(PDF) 80 Page - Freescale Semiconductor, Inc

No de pièce MPC862P
Description  PowerQUICC??Family Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC862P Fiches technique(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC862P Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
MPC862/857T/857DSL PowerQUICC™ Family Hardware Specifications, Rev. 3
80
Freescale Semiconductor
Mechanical Data and Ordering Information
PA2
CLK6
TOUT3
L1RCLKB
R18
Bidirectional
PA1
CLK7
BRGO4
TIN4
T19
Bidirectional
PA0
CLK8
TOUT4
L1TCLKB
U19
Bidirectional
PB31
SPISEL
REJECT1
C17
Bidirectional
(Optional: Open-drain)
PB30
SPICLK
RSTRT2
C19
Bidirectional
(Optional: Open-drain)
PB29
SPIMOSI
E16
Bidirectional
(Optional: Open-drain)
PB28
SPIMISO
BRGO4
D19
Bidirectional
(Optional: Open-drain)
PB27
I2CSDA
BRGO1
E19
Bidirectional
(Optional: Open-drain)
PB26
I2CSCL
BRGO2
F19
Bidirectional
(Optional: Open-drain)
PB25
RXADDR32
SMTXD1
J16
Bidirectional
(Optional: Open-drain)
PB24
TXADDR32
SMRXD1
J18
Bidirectional
(Optional: Open-drain)
PB23
TXADDR22
SDACK1
SMSYN1
K17
Bidirectional
(Optional: Open-drain)
PB22
TXADDR42
SDACK2
SMSYN2
L19
Bidirectional
(Optional: Open-drain)
Table 35. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88