Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRLL5818 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PRLL5818
Description  Schottky barrier diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRLL5818 Fiches technique(HTML) 2 Page - NXP Semiconductors

  PRLL5818 Datasheet HTML 1Page - NXP Semiconductors PRLL5818 Datasheet HTML 2Page - NXP Semiconductors PRLL5818 Datasheet HTML 3Page - NXP Semiconductors PRLL5818 Datasheet HTML 4Page - NXP Semiconductors PRLL5818 Datasheet HTML 5Page - NXP Semiconductors PRLL5818 Datasheet HTML 6Page - NXP Semiconductors PRLL5818 Datasheet HTML 7Page - NXP Semiconductors PRLL5818 Datasheet HTML 8Page - NXP Semiconductors PRLL5818 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Apr 22
2
Philips Semiconductors
Product specification
Schottky barrier diodes
PRLL5817; PRLL5818; PRLL5819
FEATURES
• Low switching losses
• Fast recovery time
• Guard ring protected
• Hermetically sealed glass SMD
package.
APPLICATIONS
• Low power, switched-mode power
supplies
• Rectifying
• Polarity protection.
DESCRIPTION
The PRLL5817 to PRLL5819 types
are Schottky barrier diodes fabricated
in planar technology, and
encapsulated in SOD87 hermetically
sealed glass SMD packages
incorporating ImplotecTM(1)
technology.
(1) Implotec is a trademark of Philips.
MARKING
TYPE NUMBER
MARKING CODE
PRLL5817
9
PRLL5818
9
PRLL5819
9
Fig.1 Simplified outline (SOD87) and symbol.
handbook, halfpage
MAM190
ka



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12